PART |
Description |
Maker |
T342-SERIES X342-SERIES T322-SERIES X322-SERIES T3 |
10MS, 8 TSSOP, IND TEMP, GREEN, 2.7V(SERIAL EE) BGA,GREEN,IND TEMP(ARM) NGD: SMART CARD, MODULE(SMARTCARDS) 20NS, TQFP, IND TEMP(EPLD) 外围芯片 Peripheral IC 外围芯片
|
Marktech Optoelectronics
|
AM8530H-6DC AM8530H-6DCB AM8530H-8DC AM8530H-8DCB |
20MHZ, MLF, IND TEMP, GREEN, 5V(MCU AVR) 20MHZ, PDIP, IND TEMP, GREEN, 5V(MCU AVR) Communications Controller 20MHZ, TQFP, IND TEMP, GREEN PKG, 5V(MCU AVR) 16MHZ, MLF, IND TEMP, GREEN(MCU AVR) 16MHZ, TQFP, IND TEMP, GREEN(MCU AVR) 通信控制 20MHZ, TQFP, IND TEMP, GREEN, 5V(MCU AVR) 通信控制
|
Glenair, Inc. Electronic Theatre Controls, Inc.
|
AM85C30-10DC AM85C30-10DIB AM85C30-10DCB AM85C30-1 |
8MHZ, MLF, IND TEMP, 1.8V(MCU AVR) 8MHZ, TQFP, IND TEMP, GREEN, 1.8V(MCU AVR) 8MHZ, TQFP, IND TEMP(MCU AVR) 8MHZ, MLF, IND TEMP(MCU AVR) 通信集成电路 16MHZ, MLF, IND TEMP, GREEN, 5V(MCU AVR) 通信集成电路 8MHZ, TQFP, IND TEMP, 1.8V(MCU AVR) 通信集成电路 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) 通信集成电路
|
Electronic Theatre Controls, Inc. Pericom Semiconductor, Corp.
|
IHB2EB1R0M IHB6BV6R8M IHB2BV121K IHB6BV123K IHB2BV |
General Fixed Inductor, 1 ELEMENT, 1 uH, GENERAL PURPOSE INDUCTOR, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,WIREWOUND,6.8UH,20% TOL,20% -TOL General Fixed Inductor, IND,WIREWOUND,120UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,12MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,8.2UH,20% TOL,20% -TOL IND FLTR 33UH 20% 1KHZ 13.5A RDL - Bulk General Fixed Inductor, IND,WIREWOUND,390UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,3.3UH,20% TOL,20% -TOL General Fixed Inductor, IND,WIREWOUND,8.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,820UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,1.2MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,100UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,22UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,10MH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,18UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,150UH,10% TOL,10% -TOL General Fixed Inductor, IND,WIREWOUND,1.5MH,10% TOL,10% -TOL
|
Vishay Dale
|
ATF1508ASL ATF1508ASL-25AC100 |
ATF1508AS(L) [Updated 9/02. 30 Pages] 128 Macrocell. standard & low power w/ISP ATF1508AS(长)[更新9日30页] 128个宏单元。标 25NS, 100 TQFP, COM TEMP(EPLD) EE PLD, 25 ns, PQFP100
|
Ironwood Electronics Atmel, Corp.
|
Z85C30-10BUA Z85C30-10DC Z85C30-10BQA AM85C30-8/BQ |
16MHZ, MLF, IND TEMP, GREEN(MCU AVR) 16MHZ, PDIP, IND TEMP, GREEN(MCU AVR) 16MHZ, MLF, IND TEMP, 5V(MCU AVR) 16MHZ, MLF, IND TEMP, GREEN, 5V(MCU AVR) 16MHZ, MLF, IND TEMP(MCU AVR) 16MHZ, TQFP, IND TEMP, GREEN, 5V(MCU AVR) Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 RoHS Compliant: Yes ATMEGA644V-10PU & AT86RF230-ZU(AVRZLINK) Communications Controller 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229 通信控制 Cartridge Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:225 通信控制 16MHZ, TQFP, IND TEMP, 5V(MCU AVR) 通信控制 16MHZ, TQFP, IND TEMP, GREEN(MCU AVR) 通信控制
|
Advanced Micro Devices, Inc. Amphenol, Corp. Electronic Theatre Controls, Inc.
|
AM79C978 AM79C978KC/W |
PCnet-Home Single-Chip 1/10 Mbps PCI Home Networking Controller 15NS, 100 TQFP, IND TEMP(EPLD)
|
Advanced Micro Devices, Inc.
|
PUMA77FV16006BI-90 PUMA77FV16006BI-90E PUMA2FV1600 |
44 TQFP(FPGA) ADAPTER(FPGA) 2.4 GHZ RAVEN BOARD 20-PLCC(FPGA) 2.4 GHZ EVALUATION AND STARTER KIT 5K GATES FPSLIC AX LQFP, IND TEMP GREEN(FPGA) SEC FPSLIC AX 10K GATES IND TEMP GREEN(FPGA) FPSLIC AX 10K GATES LQFP TEMP IND GREEN(FPGA) 44 PLCC(FPGA) EEPROM EEPROM 8 LAP(FPGA) EEPROM
|
TDK, Corp. Mitsubishi Electric, Corp. Toshiba, Corp.
|
C2111 P2111 AM9111C/BVA AM91L11A/BVA AM91L11C/BVA |
Turbo 2 ultrafast high voltage rectifier 10MHZ, SOIC, IND TEMP, 1.8V(MCU AVR) 20MHZ, PDIP, IND TEMP, 5V(MCU AVR) 2MHz, NARROW SOIC, IND TEMP, GREEN,(MCU AVR) 10MHZ, PDIP, IND TEMP, 1.8V(MCU AVR) x4 SRAM x4的SRAM
|
Energizer Holdings, Inc.
|
BC328-16/E6 BC328/E6 BC328-40/E6 BC327/E6 BC327-40 |
IC MAX 7000 CPLD 64 100-TQFP MAX II CPLD 570 LE 256-FBGA MAX II CPLD 570 LE 100-TQFP MAX 7000 CPLD 192 MC 160-PQFP MAX 7000 CPLD 32 MC 44-TQFP MAX 3000A CPLD 32 MC 44-TQFP MAX 7000 CPLD 256 MC 100-FBGA 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 800mA的一(c)|26AA 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
Mitsubishi Electric, Corp. VISHAY SEMICONDUCTORS
|
|